Part Number Hot Search : 
2SC50 IRLIZ44N S03NF WL2803K 52300 P1240 SIT9102 RJP5001
Product Description
Full Text Search
 

To Download KBPC1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbpc10005 thru kbpc1010 silicon bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 10.0 amperes case : molded plastic body terminals : plated leads solderable per mil-std-750, method 2026 polarity : polarity symbols marked on case mounting :thru hole for #6 serew,5in.-lbs. torque max. weight :0.20o unce, 5.62 grams features mechanical data br-8 dimensions in inches and (millimeters) maximum ratings and electrical characteristics notes: 1.unit mounted on 8.7 ? x 8.7 ? x0.24 ? thick(22x22x0.6cm)al.plate. 2.unit mounted on p.c. board with 0.47 ? x 0.47 ? (12x12mm) copper pads,0.375 ? (9.5mm) lead length. the plastic package carries underwriters laboratory flammability classification 94v-0 ideal for printed circuit boards low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 c/10 seconds,at 5 lbs. (2.3kg) tension 0.750 (19.1) hole for no.6 screw 0.052(1.3) dia. 0.048(1.2) typ. min. 0.770(19.6) 0.730(18.5) 0.52(13.2) 0.48(12.2) ac ac 0.30(7.60) 0.25(6.35) 150.0 64 10 1.0 2500 6.0 -55 to +125 -55 to +150 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 kbpc 10005 10.0 8.0 8.0 kbpc 1001 kbpc 1002 kbpc 1006 kbpc 1008 kbpc 1010 kbpc 1004 ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. volts volts volts symbols units amps amps v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average t c =50 c (note 1) forward output t c =100 c (note 1) rectified current at t a =50 c (note 2) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) rating for fusing(t<8.3ms) maximum instantaneous forward voltage drop per bridge element at 5.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c isolation voltage from case to leads typical thermal resistance (note 1) operating junction temperature range storage temperature range i r volts a m c c/w ma c v ac a s 2 i t v iso r q ja t j t stg 2 v f 1.1 0.52(13.2) 0.48(12.2) 0.770(19.6) 0.730(18.5) mdd catalog number
ratings and characteristic curves kbpc10005 thru kbpc1010 10 8 6 4 2 0 0 25 50 75 100 125 150 175 150 125 100 75 50 0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 10 1 0.1 0.01 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c 8.3ms single half sine-wave (jedec method) the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of KBPC1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X